PART |
Description |
Maker |
HER205 |
10000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MICRO COMMERCIAL COMPONENTS
|
AT40K-FFT AT40K05LV AT40K20 AT40K20LV AT40K40 AT40 |
AT40K-FFT [Updated 8/98. 8 Pages] Fast fourier transform Intellectual Property Core for AT40K FPGAs From old datasheet system 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam. 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 40K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V)
|
Atmel Corp
|
HIP4083 HIP4083AB HIP4083AP |
80V/ 300mA Three Phase High Side Driver 80V, 300mA Three Phase High Side Driver 30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN
|
INTERSIL[Intersil Corporation]
|
1N829UR MLL821 1N822AUR 1N822AUR-1 1N829UR-1TR 1N8 |
From old datasheet system 6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes 6000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 3000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 3.3 V quad buffer; 3-state - Description: 3.3V Buffer/Line Driver with Active LOW Output Enable (3-State) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.9@3.3V ns; Voltage: 2.7-3.6 V Single Supply Voltage Supervisor for 5V Systems with Programmable Time Delay 8-PDIP -40 to 85 Single Supply Voltage Supervisor ror 5V Systems with Programmable Time Delay 8-SOIC 0 to 70 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Current, It av:6A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes 6.55 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA 3.3 V Quad 2-input NAND gate - Description: 3.3V Quad 2-Input NAND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.7@3.3V ns; Voltage: 2.7-3.6 V 6.2 6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA Single Supply Voltage Supervisor ror 5V Systems with Programmable Time Delay 8-SOIC -40 to 85 6.2 Single Supply Voltage Supervisor for 5V Systems with Programmable Time Delay 8-SOIC 0 to 70 6.2 SOCKET, D, PCB, STRAIGHT, 9WAY; Connector type:D Sub; Gender:Socket; Ways, No. of:9; Mating cycles, No. of:500; Termination method:Straight PCB; Material, contact:Copper alloy; Material:Steel; Contacts, No. of:9; Material, RoHS Compliant: Yes 6.2 0TC Reference Voltage Zener
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BU4069F BU4069FV BU4069UB-E2 BU4069UBF-E2 BU4069UB |
4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 High Voltage CMOS Logic ICs High Voltage CMOS Logic ICs Gate
|
http:// Rohm
|
XC4000 XC4003 XC4005 XC4006 XC4008 XC4010 XC4010D |
Logic Cell Array Families Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
5962-8876904KYA 5962-8876904KYC 5962-8876904KPA 59 |
5962-8876801PC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876904KPA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876904KXA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876904KPC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-88769022A · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876903FC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901PC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901PA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901XA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901YA · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers 5962-8876901YC · Hermetically Sealed Low If Wide Vcc Logic Gate Optocouplers
|
Agilent (Hewlett-Packard)
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
4991A |
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
|
NEC
|
6N137SDM 6N137SDVM HCPL2601M HCPL2611M HCPL2630M H |
High Speed 10MBit/s Logic Gate Optocouplers 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
Fairchild Semiconductor Corporation http://
|
|